Part Number Hot Search : 
MC339 RM188R7 82C931 ZTX694B NCV7424 2SC57 MM1530AT MBRF201
Product Description
Full Text Search
 

To Download SC-142B-FREQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CRYSTAL CLOCK OSCILLATORS
SC-A1420 Series LVCMOS Continued
Data Sheet K2152 Rev. G
Operating Conditions and Output Characteristics
Electrical Characteristics
Parameter Frequency Duty Cycle Logic 0 Logic 1 Rise & Fall Time Jitter, RMS(2) Tpz Enable Voltage Disable Voltage Frequency Stability (1) Symbol Conditions ------------@ VDD/2 VOL @ 600A @ 600A VOH tr,tf 10-90%VO --------------------------------dF/F Overall conditions including: voltage, calibration, temp.. 10 year aging, shock, vibration Min 1.0MHz 45/55% ----VDD-0.2V ------------2.0V -----100ppm Typical --------------------3 psec ----------------Max 80.0MHz 55/45% 0.2V ----8.0 ns ----25 ns ----0.8V +100ppm
General Characteristics
Parameter Supply Voltage (3) Supply Current Output current Operating temperature Storage temperature Power Dissipation Lead temperature Load Start-up Time Symbol VDD IDD IO TA TS PD TL ----ts Conditions ----No Load Low level Output Current -------------Soldering, 10 sec. ----20MHz or greater Less than 20MHz Min 3.00V 0.0 mA 0.0 mA 0C -55C --------------------Typical 3.3V ------------------------------------Max 3.60V 40 mA 16.0 mA 70C 125C 144 mW 300C 15pf 10 ms 2 ms
Environmental and Mechanical Characteristics
Mechanical Shock Thermal Shock Vibration Soldering Condition Hermetic Seal Per MIL-STD-202, Method 213, Condition E Per MIL-STD-833, Method 1011, Condition A 0.060" double amplitude 10 Hz to 55 Hz, 35g's 55Hz to 2000 Hz 300C for 10 seconds Leak rate less than 1 x 10-8 atm.cc/sec
Footnotes: 1) Standard frequency stability (20,25,50ppm & others available) 2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization. 3) External high frequency power supply decoupling required.
Creating a Part Number SC - A142X - FREQ Package Code SC 4 pad 5x7mm SMD Tolerance/Performance 0 100ppm 0-70C 1 50ppm 0-70C 7 25ppm 0-70C 9 Customer Specific A 20ppm 0-70C B 50ppm -40 to +85C C 100ppm -40 to +85C
Input Voltage Code Specification A 3.3V 5V
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881 Email: nelsales@nelfc.com www.nelfc.com


▲Up To Search▲   

 
Price & Availability of SC-142B-FREQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X